Part Number Hot Search : 
00506 ABT162 MAX151 N5817 MJE13007 USB32 MC68HC K2699
Product Description
Full Text Search
 

To Download IXKF40N60SCD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
IXKF 40N60SCD1 ID25 VDSS RDSon trr = 38 A = 600 V = 60 m = 70 ns
CoolMOS Power MOSFET
with Series Schottky Diode and Ultra Fast Antiparallel Diode
in High Voltage ISOPLUS i4-PACTM
MOSFET T Symbol VDSS VGS ID25 ID90 Symbol TC = 25C TC = 90C Conditions Conditions TVJ = 25C to 150C Maximum Ratings 600 20 38 25 V V A A
Features * fast CoolMOS power MOSFET - 2nd generation - High blocking voltage - Low on resistance - Low thermal resistance due to reduced chip thickness * Series Schottky diode prevents current flow through MOSFET's body diode - very low forward voltage - fast switching * Ultra fast HiPerFREDTM anti parallel diode - low operating forward voltage - fast and soft reverse recovery - low switching losses * ISOPLUS i4-PACTM high voltage package - isolated back surface - low coupling capacity between pins and heatsink - enlarged creepage towards heatsink - enlarged creepage between high voltage pins - application friendly pinout - high reliability - industry standard outline Applications Converters with * circuit operation leading to current flow through switches in reverse direction - e. g. - phaseleg with inductive load - resonant circuits * high switching frequency Examples * switched mode power supplies (SMPS) * uninterruptable power supplies (UPS) * DC-DC converters * welding converters * converters for inductive heating * drive converters
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 60 3.5 0.5 70 m 5.5 V
RDSon VGSth IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf RthJC RthJH
VGS = 10 V; ID = ID90 VDS = 20 V; ID = 3 mA; VDS = VDSS; VGS = 0 V; TVJ = 25C TVJ = 125C VGS = 20 V; VDS = 0 V VGS= 10 V; VDS = 350 V; ID = 50 A
0.3 mA mA 100 nA
220 55 125 30 95 100 10 0.9
nC nC nC ns ns ns ns 0.45 K/W K/W
VGS= 10 V; VDS = 380 V; ID = 25 A; RG = 1.8
with heat
transfer paste
CoolMOS is a trademark of
IXYS reserves the right to change limits, test conditions and dimensions.
Infineon Technologies AG.
(c) 2002 IXYS All rights reserved
1-2
212
IXKF 40N60SCD1
Series Schottky Diode DS Symbol IF25 IF90 Conditions TC = 25C TC = 90C Maximum Ratings 60 40 A A
Dimensions in mm (1 mm = 0.0394")
Symbol
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 0.9 0.7 2.9 V V
VF RthJC RthJH
IF = 20 A; TVJ = 25C TVJ = 125C with heat transfer paste
2 K/W K/W
Anti Parallel Diode DF Symbol IF25 IF90 Conditions TC = 25C TC = 90C Maximum Ratings 32 16 A A
Symbol
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 2.1 1.4 15 70 2.6 2.5 V V A ns 1.3 K/W K/W
VF IRM trr RthJC RthJH
IF = 20 A; TVJ = 25C TVJ = 125C IF = 30 A; diF/dt = -500 A/s; TVJ = 125C VR = 600 V; VGE = 0 V with heat transfer paste
Component Symbol VISOL TVJ Tstg FC mounting force with clip Conditions IISOL 1 mA; 50/60 Hz Maximum Ratings 2500 -40...+150 -40...+125 20 ... 120 V~ C C N
Symbol Cp d S , dA d S , dA Weight
Conditions coupling capacity between shorted pins and mounting tab in the case D pin - S pin pin - backside metal
Characteristic Values min. typ. max. 40 7 5.5 9 pF mm mm g
212
(c) 2002 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of IXKF40N60SCD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X